|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Glass Passivated Super Fast Recovery Rectifier SF8A01-G THRU SF8A06-G Voltage Range 50 to 600 V Current 8.0 Ampere Features Fast switching for high efficiency Low forward voltage drop High current capability Low reverse leakage current High surge current capability Mechanical Data Case: Molded plastic TO-220AC Epoxy: UL 94V-0 rate flame retardant Terminals: Solderable per MIL-STD-202 method 208 Polarity:Color band denotes cathode Mounting position: Any Weight: 2.03 grams TO-220AC MAX.412(10.5) DIA .154(3.91) .148(3.74) .06(1.52) .05(1.27) .185(4.70) .175(4.44) .055(1.40) .045(1.14) .16(4.06) .14(3.56) 1 2 MAX.05(1.5) .037(0.94) .027(0.68) 1 2 .56(14.22) .53(13.46) .27(6.86) .23(5.84) PIN .594(15.1) .587(14.9) .11(2.79) .10(2.54) .205(5.20) .195(4.95) .025(0.64) .014(0.35) Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current TC=100 C Peak Forward Surge Current, 8.3ms single Half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage @ 8.0 A Maximum DC Reverse Current @TJ=25 C At Rated DC Blocking Voltage @TJ=125 C Maximum Reverse Recovery Time (Note 1) Typical junction Capacitance (Note 2) Typical Thermal Resistance (Note 3) Operating Junction and Storage Temperature Range o o o SF 8A01-G 50 35 50 SF 8A02-G 100 70 100 SF 8A03-G 200 140 200 SF 8A04-G 300 210 300 SF 8A05-G 400 280 400 SF UNIT 8A06-G 600 420 600 V V V A VRRM VRMS VDC IF(AV) 8.0 IFSM 125 A VF 0.95 10.0 250 35 65 2.2 -55 to + 150 1.3 1.5 V uA uA IR Trr CJ R JC TJ, TSTG 50 nS pF o CW o C NOTES : (1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A. (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC. (3) Thermal Resistance junction to case. COMCHIP TECHNOLOGY 4115 CLIPPER CT. FREMONT CA 94538 TEL: (510) 657-8671 FAX: (510) 657-8921 Glass Passivated Super Fast Recovery Rectifier RATINGS AND CHARACTERISTIC CURVES SF8A01-G THRU SF8A06-G FIG.1 - FORWARD CURRENT DERATING CURVE 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 50 100 o FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 125 PEAK FORWARD SURGE CURRENT, AMPERES AVERAGE FORWARD RECTIFIED CURRENT, AMPERES Pulse Width 8.3ms Single Half-Sire-Wave (JEDEC Method) 100 75 50 25 60 Hz Resistive or Inductive load 150 0 1 10 100 CASE TEMPERATURE, C NUMBER OF CYCLES AT 60Hz FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS IINSTANTANEOUS FORWARD CURRENT, AMPERES 10 FIG.4 - TYPICAL REVERSE CHARACTERISTICS 1000 SF8A01-G-SF8A03-G INSTANTANEOUS REVERSE CURRENT, MICROAMPERES 100 TJ=125 C o 1.0 SF8A04-G-SF8A05-G 10 TJ=25 C 1 o SF8A06-G 0.1 0.01 0.2 0.4 0.6 0.8 TJ=25 C PULSE WIDTH=300uS 1% DUTY CYCLE 1.0 1.2 1.4 1.6 o 0.1 0 20 40 60 80 100 INSTANTANEOUS FORWARD VOLTAGE, VOLTS PERCENT OF RATED PEAK REVERSE VOLTAGE,% FIG.5 - TYPICAL JUNCTION CAPACITANCE 1000 JUNCTION CAPACITANCE, pF TJ = 25 C f = 1.0 MHZ Vsig = 50mVp-p o 100 10 0.1 1.0 4.0 10 100 REVERSE VOLTAGE, VOLTS COMCHIP TECHNOLOGY 4115 CLIPPER CT. FREMONT CA 94538 TEL: (510) 657-8671 FAX: (510) 657-8921 |
Price & Availability of SF8A06-G |